Part Number Hot Search : 
TSP110A F3217YGJ 5ETTTS MPXH6 17814 10004 SD2987 BUK76
Product Description
Full Text Search
 

To Download SS12SDP2LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Miniature Slides
Series SS
Distinctive Characteristics
Top or side actuation permits flexible board design. Bright, LED illumination at tip of actuator.
Compact dimensions and low profile allow high density mounting and close stacking of PC boards.
Crisp actuation positively indicates circuit status.
Double molded thermoset base and thermoplastic housing prevent loosening of terminals due to high soldering temperatures.
Sliding twin contact mechanism with self-cleaning action provides smooth actuation and produces high contact reliability.
Insert molded terminals lock out flux, solvents, and other contaminants.
Inch terminal spacing for standard PC board grid (.100" x .100").
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
07-07
Ultra-Miniature Slides
Series SS
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 0.1A @ 30V DC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Contact Timing: Total Travel:
20 milliohms maximum 100 megohms minimum @ 500V DC 500V AC minimum 1 minute minimum 10,000 operations minimum 10,000 operations minimum Shorting (make-before-break) .079" (2.0mm)
Materials & Finishes
Actuator: Upper Case: Lower Case: Movable Contactor: Interior Base: Terminals:
Polyacetal Polyacetal Glass fiber reinforced polyester Phosphor bronze with silver plating Phenolic resin (thermoset) Brass with silver plating over copper plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
-15C through +60C (+5F through +140F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering: Cleaning:
Wave Soldering: See Profile B in Supplement section. Manual Soldering: See Profile B in Supplement section. These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
UL Recognition or CSA Certification: The SS series devices have not been tested for UL recognition and CSA certification. These switches are designed for se in a low-voltage, low-current circuit. When used as intended in a low-voltage, low-current circuit, the results do not produce hazardous energy.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
07-07
Ultra-Miniature Slides
TYPICAL SWITCH ORDERING EXAMPLE
Series SS C
LED COLORS
C E F Red Yellow Green
SS
12S 22S SPDT DPDT ON ON
12S
NONE NONE ON ON
D
P H
P
ACTUATION
Top Actuated Side Actuated
2
L
POLES & CIRCUITS
TERMINAL SPACING
D Inch .100" x .100"
CONTACT MATERIAL & RATINGS
2 Silver Rated 0.1A @ 30V DC
LED CIRCUIT
L Isolated
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
SS12SDP2LC
Top Actuated Silver Contacts Rated 0.1A @ 30V DC Red LED SPDT ON-NONE-ON Circuit Terminals with .100" Spacing
POLES & CIRCUITS
Slide Position Right Pole SP DP Model SS12S SS22S ON ON NONE NONE ON ON 2-1 2-1 5-4 OPEN OPEN 2-3 2-3 5-6 Center Left Connected Terminals Right Center Left Throw & Schematics Note: Terminal numbers are not actually on switch. Isolated LED circuit requires external power source. SPDT
1 2 (COM) 3
(+)
(-)
DPDT
1 2 (COM) 3 4 5 (COM) 6
(+)
(-)
TERMINAL SPACING D
Inch .100" x .100"
(0.4) Typ .016 (2.54) Typ .100 (3.4) Typ .134 (9.0) .354 (2.54) Typ .100 (0.6) Typ .024 (0.4) Typ .016 (2.54) Typ .100 (3.4) Typ .134 (2.54) Typ .100 (0.6) Typ .024
Single Pole Models
(13.0) .512
Double Pole Models
(9.0) .354
(13.0) .512
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
07-07
Ultra-Miniature Slides
CONTACT MATERIALS & RATINGS 2
Silver over Phosphor Bronze Power Level 0.1A @ 30V DC
Series SS
TYPICAL SWITCH DIMENSIONS
Top Actuated Single & Double Pole
(2.54) .100
L (+) 1 2
(2.0) Travel .079
(0.4) .016
(0.6) Typ .024
(2.54) .100
1 2 3 L (-) L (+)
(0.3) Typ .012
(2.54) Typ .100
1 L (+) L (-) 4 5 6
(0.3) Typ .012 (13.0) .512
L (-)
3
(2.54) Typ .100
(13.0) .512
(0.8) Dia Typ .031 (2.54) Typ .100
4 L (+) 1 2 3 5 6 L (-)
2 3
(3.7) .146 (9.0) .354
(2.5) .098 (2.5) .098 (4.5) .177
(2.54) Typ .100 (3.0) .118
(0.6) Typ .024 (0.4) Typ .016
(0.6) Typ .024 (0.4) Typ .016
(2.54) Typ .100
SS22SDP2LC
(0.8) Dia Typ .031
Side Actuated
Single & Double Pole
(2.54) .100
L (+) 1 2 L (-) 3
(2.0) Travel .079
(3.7) .146
(0.4) .016
(0.6) Typ .024
(2.54) .100
1 2 3 L (-) L (+)
(0.3) Typ .012 (13.0) .512
(2.54) Typ .100
1 2 3 L (-) L (+) 4 5 6
(0.4) Typ (0.3) Typ .016 .012 (13.0) .512
(2.54) Typ .100
(0.8) Dia Typ .031 (2.54) Typ .100
(2.5) .098 (4.85) .191 (7.5) .295 (2.5) .098 (7.5) .295
(2.54) Typ .100 (0.4) Typ .016 (3.0) .118 (4.5) .177 (0.6) Typ .024 (9.0) .354 (0.6) Typ .024
4 L (+) 5 6 L (-) 1 2 3
(2.54) Typ .100
SS12SDH2LC
(0.8) Dia Typ .031
LED COLORS & SPECIFICATIONS
LEDs are supplied as an integral part of the switch (not available separately). The lamp circuit is independent of switch operation. Electrical specifications shown are determined at a basic temperature of 25C. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula given in the Supplement.
L
Isolated, 1-element
(+)
(-)
Color IFM IF VF VRM IF
C
Red
E
Yellow
F
Green 25mA 16mA
Forward Peak Current Continuous Forward Current Forward Voltage Reverse Peak Voltage Current Reduction Rate Above 25C Ambient Temperature Range
30mA 16mA 1.98V 5V 0.40mA/C
30mA 16mA 2.06V 5V 0.42mA/C -15 ~ +60C
2.16V 5V 0.33mA/C
OPTIONAL CAP
AT4065 Slide Cap Material: Polycarbonate Cap can be assembled on request Cap Color: Black only
(5.0) .197 (3.2) .126 (5.0) .197
Window color should match LED color. Colors Available: C Red E Yellow F Green
(8.5) .335 (0.6) .024
(11.0) .433
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
07-07


▲Up To Search▲   

 
Price & Availability of SS12SDP2LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X